Part Number Hot Search : 
SSM34PT 2N2906AL N5236B LC4256X SEMIC SEMIC CDT3332 MSM6996H
Product Description
Full Text Search
 

To Download STU3055L2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STU/D3055L2
SamHop Microelectronics Corp. Feb.01 2005 ver1.3
N-Channel Logic Level Enhancement Mode Field Effect Transistor
PRODUCT SUMMARY
VDSS
20V
FEATURES
(mW)
ID
18A
RDS(ON)
Max
Super high dense cell design for low RDS(ON).
40 @ VGS = 10V 45 @ VGS = 4.5V
Rugged and reliable. TO-252 and TO-251 Package.
D
D G S
G D S
G
STU SERIES TO-252AA(D-PAK)
STD SERIES TO-251(l-PAK)
S
ABSOLUTE MAXIMUM RATINGS (TC=25 C unless otherwise noted)
Parameter Drain-Source Voltage Gate-Source Voltage Drain Current-Continuous a -Pulsed @TC=25 C Symbol VDS VGS ID IDM IS PD TJ, TSTG Limit 20 12 18 30 15 50 -55 to 175 Unit V V A A A W C
Drain-Source Diode Forward Current Maximum Power Dissipation @Tc=25 C Operating and Storage Temperature Range
THERMAL CHARACTERISTICS
Thermal Resistance, Junction-to-Case Thermal Resistance, Junction-to-Ambient R JC R JA 3 50 C /W C /W
1
S T U/D3055L2
E LE CTR ICAL CHAR ACTE R IS TICS (TA =25 C unless otherwise noted)
Parameter OFF CHAR ACTE R IS TICS
Drain-S ource Breakdown Voltage Zero Gate Voltage Drain Current Gate-Body Leakage BVDSS IDSS IGSS VGS(th) R DS (ON) ID(ON) gFS CISS COSS CRSS
c
S ymbol
Condition
VGS = 0V, ID = 250uA VDS = 16V, VGS = 0V VGS = 12V, VDS = 0V VDS = VGS, ID = 250uA VGS =10V, ID =6.0A VGS =4.5V, ID = 5.2A VDS = 5V, VGS = 4.5V VDS = 10V, ID = 6.0A
Min Typ C Max Unit
20 1 100 0.7 1.2 25 30 15 7 614 151 116 1.8 40 45 V uA nA V
m-ohm m-ohm
ON CHAR ACTE R IS TICS b
Gate Threshold Voltage Drain-S ource On-S tate R esistance On-S tate Drain Current Forward Transconductance
A S
PF PF PF
DYNAMIC CHAR ACTE R IS TICS c
Input Capacitance Output Capacitance R everse Transfer Capacitance VDS =8V, VGS = 0V f =1.0MHZ
S WITCHING CHAR ACTE R IS TICS
Turn-On Delay Time R ise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-S ource Charge Gate-Drain Charge
tD(ON) tr tD(OFF) tf Qg Qgs Qgd
VDD = 10V, ID = 1A, VGEN = 4.5V, R L = 10 ohm RGEN = 6 ohm VDS=10V,ID =6A,VGS=10V VDS=10V,ID =6A,VGS=4.5V VDS =10V, ID = 6A, VGS =10V
2
14.3 11.9 22.1 16.7 18.9 8.9 2.1 2.4
ns ns ns ns nC nC nC nC
S T U/D3055L2
E LE CTR ICAL CHAR ACTE R IS TICS (TA=25 C unless otherwise noted)
Parameter
5
Diode Forward Voltage
S ymbol
VSD
Condition
VGS = 0V, Is =10A
Min Typ Max Unit
1 1.3 V
C
DR AIN-S OUR CE DIODE CHAR ACTE R IS TICS b
Notes a.S urface Mounted on FR 4 Board, t 10sec. b.Pulse Test:Pulse Width 300us, Duty Cycle 2%. c.Guaranteed by design, not subject to production testing.
10
V G S =10,9,8,7,6,5,4,3V
25 -55 C 20
ID, Drain C urrent(A)
ID, Drain C urrent (A)
8
6 V G S =2V 4 2 0
15
10 25 C 5 0 0.0 T j=125 C
0
2
4
6
8
10
12
0.6
1.2
1.8
2.4
3.0
3.6
V DS , Drain-to-S ource Voltage (V )
V G S , G ate-to-S ource Voltage (V )
F igure 1. Output C haracteris tics
1250 2.2
F igure 2. Trans fer C haracteris tics
V G S =10V ID=6A
C , C apacitance (pF )
RDS(ON), On-Resistance (Normalized)
1000 750 C is s 500 250 0 C rs s 0 4 8 12 16 20 24
1.8 1.4 1.0 0.6 0.2 0
C os s
V DS , Drain-to S ource Voltage (V )
-50
-25
0
25
50
75
100 125 T j( C )
F igure 3. C apacitance
F igure 4. On-R es is tance Variation with Temperature
3
S T U/D3055L2
B V DS S , Normalized Drain-S ource B reakdown V oltage V th, Normalized G ate-S ource T hres hold V oltage
1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -50 -25 0 25 50 75 100 125 V DS =V G S ID=250uA 1.15 1.10 1.05 1.00 0.95 0.90 0.85 -50 -25 0 25 50 75 100 125 ID=250uA
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
F igure 5. G ate T hres hold V ariation with T emperature
24
F igure 6. B reakdown V oltage V ariation with T emperature
20
gFS , T rans conductance (S )
16 12 8 4 0 V DS =10V 0 5 10 15 20 25
Is , S ource-drain current (A)
20
10
1 0 0.4 0.6 0.8 1.0 T J =25 C 1.2 1.4
IDS , Drain-S ource C urrent (A)
V S D, B ody Diode F orward V oltage (V )
F igure 7. T rans conductance V ariation with Drain C urrent
10
ID, Drain C urrent (A)
F igure 8. B ody Diode F orward V oltage V ariation with S ource C urrent
40
m it
10
10 0m s
V G S , G ate to S ource V oltage (V )
8 6 4 2 0 0
VDS =10V ID=6A
10
R
DS
(O N
) Li
ms
11
DC
1s
0.1 0.03
VGS =4.5V S ingle P ulse T c=25 C 0.1 1 10 20 50
2
4
6
8
10 12 14 16
Qg, T otal G ate C harge (nC )
V DS , Drain-S ource V oltage (V )
F igure 9. G ate C harge
F igure 10. Maximum S afe O perating Area
4
S T U/D3055L2
V DD ton V IN D VG S R GE N G
90%
toff tr
90%
RL V OUT
td(on) V OUT
td(off)
90% 10%
tf
10%
INVE R TE D
6
S
V IN
50% 10%
50%
P ULS E WIDTH
F igure 11. S witching T es t C ircuit
F igure 12. S witching Waveforms
2
r(t),Normalized E ffective T ransient T hermal Impedance
1 D=0.5
0.2 0.1 0.1 0.05 0.02 0.01 S ING LE P ULS E 0.01 10
-5 -4 -3 -2 -1
P DM t1 1. 2. 3. 4. 10 10 10 t2
R cJ A (t)=r (t) * R cJ A R cJ A=S ee Datas heet T J M-T A = P DM* R cJ A (t) Duty C ycle, D=t1/t2 1 10
10
S quare Wave P uls e Duration (s ec)
F igure 13. Normalized T hermal T rans ient Impedance C urve
5
S T U/D3055L2
5 95 7 84 9 6.00
35 05 85 0.94 4 3 0
9 7 30 3 9 36
3 41 3 3 5 1
4
L2
2.29 9.70 1.425 0.650 0.600
BSC 1 1.625 0.850 REF.
0.090 82 56 6 0.024
BSC 398 0.064 33 REF.
6
S T U/D3055L2
TO-252 Tape and Reel Data
TO-252 Carrier Tape
UNIT:P PACKAGE TO-252 (16 P) A0 6.80 O0.1 B0 10.3 O0.1 K0 2.50 O0.1 D0 r2 D1
r1.5 + 0.1 -0
E 16.0 0.3O
E1 1.75 0.1O
E2 7.5 O0.15
P0 8.0 O0.1
P1 4.0 O0.1
P2 2.0 O0.15
T 0.3 O0.05
TO-252 Reel
S
UNIT:P TAPE SIZE 16 P REEL SIZE r 330 M r330 O 0.5 N r97 O 1.0 W
17.0 + 1.5 -0
T 2.2
H
r13.0 + 0.5 - 0.2
K 10.6
S 2.0 O0.5
G
R
V
7


▲Up To Search▲   

 
Price & Availability of STU3055L2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X